Part Number Hot Search : 
MBR05100 GRM1885 SC3BJ05 L24C32 HYS64T N5819 VP2450N3 FX6KMH06
Product Description
Full Text Search
 

To Download 2N6295 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N6295
MECHANICAL DATA Dimensions in mm(inches)
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
6.35 (0.250) 8.64 (0.340)
3.68 (0.145) rad. max.
3.61 (0.142) 3.86 (0.145) rad.
24.33 (0.958) 24.43 (0.962)
0.71 (0.028) 0.86 (0.034)
11.94 (0.470) 12.70 (0.500)
FEATURES
* LOWVCE(SAT) * HIGH CURRENT
14.48 (0.570) 14.99 (0.590)
4.83 (0.190) 5.33 (0.210) 9.14 (0.360) min.
1.27 (0.050) 1.91 (0.750)
APPLICATIONS
* GENERAL PURPOSE AMPLIFIER * LOW FREQUENCY SWITCHING
TO-66
PIN 1 -- Base PIN 2 -- Emitter Case is Collector.
* HAMMER DRIVER APPLICATIONS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VCEO VCB VEB IC IB PD Tj,Tstg, Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current - Continuous Peak Base Current Total Power Dissipation at Tcase = 25C Derate above 25C Operating and Storage Junction Temperature Range 80V 80V 5V 4A 8A 80mA 50W 0.286 W/C -65 to 200C
THERMAL CHARACTERISTICS RJC Thermal Resistance, Junction to Case 3.5 C/W
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
11/99
2N6295
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated) Parameter
OFF CHARACTERISTICS Collector - Emitter Sustaining VCEO(sus) Voltage ICEO ICEX IEBO Collector Cut-off Current Collector - Emitter Cut-off Current Emitter Cut-off Current IC = 0 IC = 2A IC = 4A IC = 2A IC = 4A IC = 4A IC = 2A
Test Conditions
IC = 50mA IB = 0 VCE = Rated VCB IB = 0 VCE = 40V VEB(off) =1 5V Tc = 150C VBE = 5V VCE = 3V VCE = 3V IB = 8.0mA IB = 40mA IB = 40mA VCE = 3V
Min.
80 0.5
Typ.
Max. Unit
V mA 0.5 5.0 2.0 mA mA
ON CHARACTERISTICS hFE VCE(sat) VBE(sat) VBE(on) DC Current Gain Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage Base - Emitter On Voltage 750 100 2.0 3.0 4.0 2.8 18000 -- V V V
DYNAMIC CHARACTERISTICS Magnitude of Common Emitter |hfe| Small Signal Short Circuit Forward current Transfer Ratio Cob hfe Output Capacitance Small Signal Current Gain
IC = 1.5A f =1.0 MHz VCB = 10V f =0.1 MHz IC = 1.5A f =1.0 KHz
VCE = 3V
4.0
--
IE = 0 VCE = 3.0V
120 300
pF --
*Pulse test tp =300s 2%
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
11/99


▲Up To Search▲   

 
Price & Availability of 2N6295

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X